PART |
Description |
Maker |
AT5FC002-20 AT5FC002 |
2-Megabyte Flash Memory PCMCIA Card
|
ATMEL[ATMEL Corporation]
|
LT1106 LT1106CF |
4-Bit Synchronous Up/Down Binary Counters 16-PDIP 0 to 70 0.5 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO20 Micropower Step-Up DC/DC Converter for PCMCIA Card Flash Memory From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|
SST58LM024-70-C-FRJ SST58SM024-70-C-FSI SST58SM024 |
ER 16C 16#16 PIN PLUG PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-SOIC; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Mounting Type:Surface Mount PWR SUPPLY 350W 3-6V CVR/FAN PCMCIA Memory Card IC; Supply Voltage Max:5V; Package/Case:16-NSOIC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Mounting Type:Surface Mount RoHS Compliant: No ER 5C 3#12 2#4 SKT PLUG MOSFET, P SO-8MOSFET, P SO-8; Transistor type:MOSFET; Transistor polarity:P; Voltage, Vds max:30V; Case style:SO-8; Current, Id cont:4.1A; Current, Idm pulse:-30A; Power, Pd:1.3W; Resistance, Rds on:0.042R; SMD:1; Charge, gate p ER 24C 24#16 PIN PLUG ER 5C 3#12 2#4 PIN PLUG CAP, 1UF, TANT, 35V, K, RAD, .100, -55C 85C FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module FLASH MEMORY DRIVE CONTROLLER, XMA PWR SUPP 350W 6-12V CVR TOP FAN FLASH MEMORY DRIVE CONTROLLER, XMA ATA-Disk Module ATA的磁盘模
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
MAX607 MAX607ESA MAX607EUA MAX606ESA MAX606EUA MAX |
Low-Profile 5V/12V or Adjustable Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards Low-Profile, 5V/12V or Adjustable, Step-Up DC-DC Converters for Flash Memory/PCMCIA Cards ±1°C, SMBus Compatible Remote/Local Temperature Sensors with Overtemperature Alarms(±1°C, 带过温警报,SMBus兼容远程/本地温度传感
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
IFM008A |
3/5 Volt Series 100 Flash Memory Miniature Card(3/5V 100系列闪速存储器微型 8M X 8 FLASH 3V PROM CARD, 100 ns, XMA60
|
Intel, Corp.
|
IMC016FLSC IMC004FLSC IMC008FLSC |
5 V Value Series 100 Flash Memory Card(5V 100系列闪速存储器 4M X 16 FLASH 5V PROM CARD, 100 ns, XMA68
|
Intel Corp.
|
E28F004B5T60 E28F004B5T80 28F200B5 E28F400B5B60 E2 |
SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2/ 4/ 8 MBIT SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2 / 4 / 8 MBIT Dual-Slot, PCMCIA Analog Power Controller SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 90 ns, PDSO48 DIRECTIONAL COUPLER, 20DB, SMT 256K X 8 FLASH 5V PROM, 70 ns, PDSO48 SMART 5 BOOT BLOCK FLASH MEMORY FAMILY 2, 4, 8 MBIT 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corporation Intel Corp. Intel, Corp.
|
BP5310A |
PCMCIA / Flash memory power supply
|
ROHM[Rohm]
|
E28F004BVT80 E28F004BVB80 E28F004BVT60 E28F004BVT1 |
4-MBIT (256K X 16/ 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Dual-Slot, PCMCIA Analog Power Controller Evaluation Kit for the MAX5943A/B/C/D/E 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO48 4-MBIT (256K X 16, 512K X 8)SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 256K X 16 FLASH 5V PROM, PDSO56
|
Intel Corporation Intel Corp. Intel, Corp.
|
ID245E01 |
4MB Flash Memory Card
|
SHARP[Sharp Electrionic Components]
|
ID244E01 |
4MB Flash Memory Card
|
SHARP[Sharp Electrionic Components]
|